Part Number Hot Search : 
2417K4A SC582 IRFPG30 GRM188R TPF13F2 20M63 74HCT541 MXXXH
Product Description
Full Text Search
 

To Download 63R25-020T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optical and mechanical encoders grayhill, inc. ?561 hillgrove avenue ?lagrange, illinois 60525-5997 ?usa ?phone: 708-354-1040 ?fax: 708-354-2820 ?www.gr ayhill.com optical encoders features 25, 32, 50, 64, 100, 128 and 256 cycles per revolution available sealed version available rugged construction cable or pin versions 300 million life cycles 5000 rpm shaft rotation index pulse available series 63r high resolution, ball bearing, 5-pin (polarized connection) dimensions in inches (and millimeters) i-46 top view top view grayhill xxxx x-x 63rxxx xxxx x-x xx grayhill xxxx x-x 63rxxx-xxx xxxx x-x xx-xxx unless otherwise specified, dimension tolerances are as follows linear .010 (.25), diameters .010 (.25), angular 5? 1.250 dia (31.75) .215 (5.46) keyway depth .219 (5.57) .650 dia (16.51) mounting surface .033 (.84) .066 (1.68) .250 (6.35) .400 (10.16) .200 (5.08) .100 (2.54) .501 (12.73) .725 .025 (18.41 .64) .350 (8.89) .225 (5.71) .776 .025 (19.71 .64) .249/.250 dia (6.32/6.34) .025 x 45? (.64) chamfer 1/2 - 32 un-2a threads 1.250 dia (31.75) .215 (5.46) keyway depth .219 (5.57) .650 dia (16.51) mounting surface .033 (.84) .066 (1.68) .250 (6.35) .501 (12.73) .725 .025 (18.42 .64) .350 (8.89) .249/.250 dia (6.32/6.34) .025 x 45? (.64) chamfer 1/2 - 32 un-2a threads cable length xxx .25 (xxx .7) connector is molex p/n 14-56-3056 or equivalent pin #1 pin #1
grayhill, inc. ?561 hillgrove avenue ?lagrange, illinois 60525-5997 ?usa ?phone: 708-354-1040 ?fax: 708-354-2820 ?www.gr ayhill.com optical and mechanical encoders optical encoders available from your local grayhill distributor. for prices and discounts, contact a local sales office, an authorized local distributor or grayhill. control knobs available, see page i-57. specifications electrical ratings operating voltage: 5 ?25 vdc supply current: 30 ma maximum at 5 vdc logic output characteristics: output type: open collector with integrated schmitt trigger and 10 kw pull-up resistor maximum sink current: 16 ma at .40 volts power consumption: 150 mw maximum optical rise time: 500 ns typical optical fall time: 14 ns typical mechanical ratings mechanical life: 300 million revolutions time life: guaranteed for 10 years of continuous operation (calculated from emitter degradation data) mounting torque: 20 in-lbs maximum terminal strength: 5 lbs terminal pull-out force minimum solderability: 95% free of pin holes and voids externally applied shaft force: axial:15 lbs maximum; radial:15 lbs maximum operating torque: 0.5 in-oz maximum (no detents) for unsealed versions environmental ratings operating temperature range: -40? to 85? storage temperature range: -55? to 100? relative humidity: 90-95% at 40? for 96 hours vibration resistance: harmonic motion with amplitude of 15g, within a varied 10 to 2000 hz frequency for 12 hours per mil-std-202, method 204 shock resistance: test 1: 100g for 6 ms, hal f-sine wave with velocity change of 12.3 ft/s. te st 2: 100g for 6 ms, sawtooth wave with velocity change of 9.7 ft/s. materials and finishes bushing: 6262-t9 aluminum alloy or zinc diecast housing: hiloy 610b shaft: stainless steel insert molded into n ylon rotor support code rotor and aperture: chemically etched stainless steel/electroformed nickel printed circuit board: nema grade fr-4. five microinches minimum gold over 100 microinches minimum nickel over copper optical barrier: p olyphenylene sulfide, 94 circuitry and waveform: standard quadrature 2-bit code v-0 backplate: p olyester header: phosphor bronze, 200 microinches tin over 50 microinches nickel (pin version only) infrared emitter: gallium aluminum arsenide photo ic: planar silicon retaining ring: stainless steel cable: 26 awg, stranded/tinned wire, pvc coated on .100 (2,54) centers (cable version only) connector: glass-filled pct, ul94v-0 bearing subassembly bearing: nsk abec 5 (stainless steel) preload collar: 303 stainless steel spacer: 303 stainless steel bellville spring: spring steel (stainless steel) 1 cycle output a output b channel a leads channel b by 90? ?45? in all rotations for clockwise rotation of shaft. 1 2 3 5 4 10 k  10 k  pin # ground no contact output a power 5v output b 4.7 k  ordering information series style: r = standard, 5-pin, high resolution rs = sealed, 5-pin, high resolution cycles: per channel per revolution = 25, 32, 50, 64, 100, 128, 256 63rs256?20 t ermination: blank (no dash or numbers): pins as described in drawing. cable termination: 020 = 2.0 inches minimum to 250 = 25 inches maximum provided in increments of 1/2 inch. (example 035 = 3.5", 060 = 6".) cable is terminated with standard molex part no. 14-56-3056. use any standard .100 center 5-pin header to interface with cable. i-47


▲Up To Search▲   

 
Price & Availability of 63R25-020T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X